Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVR520 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HVR520
Description  HIGH VOLTAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HVR520 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HVR520 Datasheet HTML 1Page - EIC discrete Semiconductors HVR520 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVR512 - HVR520
HIGH VOLTAGE
RECTIFIER DIODES
PRV : 1200 - 2000 Volts
Io : 5.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.16 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL HVR512 HVR514 HVR516 HVR518 HVR520
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
1200
1400
1600
1800
2000
V
Maximum RMS Voltage
VRMS
840
980
1120
1260
1400
V
Maximum DC Blocking Voltage
VDC
1200
1400
1600
1800
2000
V
Maximum Average Forward Current
Ta = 50
°C
IF(AV)
5.0
A
Maximum Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 5.0 A
VF
2.2
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
100
µA
Typical Junction Capacitance (Note 1)
Cj
36
pF
Typical Thermal Resistance (Note 2)
R
θJA
26
°C/W
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
IFSM
200
A
DO-201AD
0.21 (5.33)
0.19 (4.82)
0.375 (9.52)
0.285 (7.24)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - HVR520

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR520 EIC-HVR520 Datasheet
16Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
SynSemi, Inc.
HVR520 SYNSEMI-HVR520 Datasheet
31Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - HVR520

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1831 SANYO-2SA1831 Datasheet
87Kb / 3P
High-Voltage Amp, High-Voltage Switching
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E_06 Datasheet
51Kb / 2P
HIGH VOLTAGE
logo
Winchester Electronics ...
231-510-0000G WINCHESTER-231-510-0000G Datasheet
39Kb / 1P
HIGH VOLTAGE
logo
Inchange Semiconductor ...
2SC5116 ISC-2SC5116 Datasheet
192Kb / 2P
High Voltage
BU932 ISC-BU932 Datasheet
197Kb / 2P
High Voltage
BUJ302A ISC-BUJ302A Datasheet
195Kb / 2P
High Voltage
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
Illinois Capacitor, Inc...
MWS ILLINOISCAPACITOR-MWS Datasheet
171Kb / 2P
High Voltage
logo
Vishay Siliconix
VS-VSKT71 VISHAY-VS-VSKT71 Datasheet
327Kb / 9P
High voltage
21-Mar-14
logo
International Rectifier
IRK.56 IRF-IRK.56 Datasheet
176Kb / 9P
High Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com