Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021D-SS Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT45DB021D-SS
Description  32-bit Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SS Datasheet(HTML) 5 Page - ATMEL Corporation

  AT45DB021D-SS Datasheet HTML 1Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 2Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 3Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 4Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 5Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 6Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AVR32918
5
32159A-AVR-01/11
Pin
JTAG
(1)
9
TDI
10
GND
Note:
1. Standard pinout for JTAGICE mkII and other Atmel programming tools.
4.2 I/O expansion headers
There are four available I/O expansion headers on the kit. Some pins have shared
functionality with onboard functionality. If “clean” expansion ports are needed, there
are available cut-straps on some of the ADC inputs to remove onboard functionality.
Table 4-2 to Table 4-5 show what is shared on the header pins.
Table 4-2. UC3 I/O expansion header – J1.
Pin
J1
UC3 pin
Shared with onboard functionality
1
TWI0 SDA
PA25
-
2
TWI0 SCL
PA26
-
3
USART3 RXD
PX57
-
4
USART3 TXD
PX58
-
5
SPI1 CS0
PB09
-
6
SPI1 MOSI
PB10
-
7
SPI1 MISO
PB08
-
8
SPI1 SCK
PB07
-
9
GND
-
-
10
VCC_P3V3
-
-
Table 4-3. UC3 I/O expansion header – J2.
Pin
J2
UC3 pin
Shared with onboard functionality
1
ADC0
(1)
PA21
RC filter output
2
ADC1
(1)
PA22
NTC
3
ADC2
PA23
-
4
ADC3
PA24
-
5
ADC4
PA20
-
6
ADC5
PA19
-
7
ADC6
PA18
-
8
ADC7
PA17
-
9
GND
-
-
10
VCC_ANA_P3V3
-
-
Note:
1. ADC channels can be disconnected from onboard functions by cutting the
available cut-straps on the bottom side of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com