Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1946A Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2SC1946A
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2SC1946A Datasheet(HTML) 1 Page - Advanced Semiconductor

  2SC1946A Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 25 mA
36
V
BVCEO
IC = 25 mA
16
V
BVEBO
IE = 5.0 mA
4.0
V
ICES
VCE = 15 V
5.0
mA
hFE
VCE = 5.0 V
IC = 1.0 A
40
75
150
---
Cob
VCB = 15 V
f = 1.0 MHz
75
100
pF
GPE
η
VCC = 12.5 V
Pout = 30 W
f = 175 MHz
10
60
11
70
DB
%
ψ
VCC = 15.5 V
PIN = 2.0 dB Overdrive
Load VSWR = 30:1 ALL PHASE ANGLES
No Degradation in Power Output
NPN SILICON RF POWER TRANSISTOR
2SC1946A
DESCRIPTION:
The
2SC1946A is Designed for
12.5 V 175 MHz Large-Signal Power
Amplifier Applications.
FEATURES INCLUDE:
• High Common Emitter Power Gain
• Output Power = 30 W
MAXIMUM RATINGS
IC
8.0 A
VCE
16 V
VCB
36 V
PDISS
100 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θ
JC
1.75 °C/W
PACKAGE STYLE .380" 4L FLG
MINIMUM
inches / mm
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.980 / 24.89
inches / mm
H
.160 / 4.06
.180 / 4.57
DIM
.220 / 5.59
.230 / 5.84
.105 / 2.67
.085 / 2.16
I
J
.240 / 6.10
.255 / 6.48
.785 / 19.94
F
B
G
.125
Ø.125 NOM.
FULL R
D
E
C
H
.112 x 45°
A
I
J
.004 / 0.10
.006 / 0.15
.280 / 7.11
.720 / 18.29
.730 / 18.54


Similar Part No. - 2SC1946A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC1946A MITSUBISHI-2SC1946A Datasheet
135Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)?
logo
New Jersey Semi-Conduct...
2SC1946A NJSEMI-2SC1946A Datasheet
252Kb / 2P
NPN EPITAXIAL PLANAR TYPE
More results

Similar Description - 2SC1946A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com