Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S2002FUD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SL2S2002FUD
Description  ICODE SLIX a product family of smart label ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2002FUD Datasheet(HTML) 5 Page - NXP Semiconductors

  SL2S2002FUD Datasheet HTML 1Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 2Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 3Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 4Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 5Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 6Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 7Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 8Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SL2S2002_SL2S2102_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 10 January 2011
198332
5 of 13
NXP Semiconductors
SL2S2002; SL2S2102
ICODE SLIX
7.
Functional description
7.1 Block description
The ICODE SLIX IC consists of three major blocks:
Analog RF interface
Digital controller
EEPROM
The analog section provides stable supply voltage and demodulates data received from
the reader for processing by the digital section. The analog section’s modulation transistor
also transmits data back to the reader.
The digital section includes the state machines, processes the protocol and handles
communication with the EEPROM.
The label requires no internal power supply. Its contactless interface generates the power
supply and the system clock via the resonant circuitry by inductive coupling to the
interrogator. The interface also demodulates data that are transmitted from the
interrogator to the ICODE Label, and modulates the electromagnetic field for data
transmission from the ICODE Label to the interrogator.
Data are stored in a non-volatile memory (EEPROM).
7.2 Memory organization
The 1024 bit EEPROM memory is divided into 32 blocks. A block is the smallest access
unit. Each block consists of 4 bytes (1 block = 32 bits). Bit 0 in each byte represents the
least significant bit (LSB) and bit 7 the most significant bit (MSB), respectively.
The memory is divided into 2 parts:
Configuration area
Within this part of the memory all required information is stored, such as UID, write
protection, access control information, passwords, AFI and EAS. This memory area
cannot be directly accessed.
User memory
Within the 896 bit memory area the user data are stored. Direct read/write access to
this part of the memory is possible depending on the related write protection
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com