Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S2102FUD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SL2S2102FUD
Description  ICODE SLIX a product family of smart label ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2102FUD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SL2S2102FUD Datasheet HTML 3Page - NXP Semiconductors SL2S2102FUD Datasheet HTML 4Page - NXP Semiconductors SL2S2102FUD Datasheet HTML 5Page - NXP Semiconductors SL2S2102FUD Datasheet HTML 6Page - NXP Semiconductors SL2S2102FUD Datasheet HTML 7Page - NXP Semiconductors SL2S2102FUD Datasheet HTML 8Page - NXP Semiconductors SL2S2102FUD Datasheet HTML 9Page - NXP Semiconductors SL2S2102FUD Datasheet HTML 10Page - NXP Semiconductors SL2S2102FUD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SL2S2002_SL2S2102_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 10 January 2011
198332
7 of 13
NXP Semiconductors
SL2S2002; SL2S2102
ICODE SLIX
8.
Limiting values
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any conditions other than those described in the operating conditions and electrical
characteristics sections of this specification is not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
[3]
The voltage between LA and LB is limited by the on-chip voltage limitation circuitry (corresponding to parameter II).
[4]
For ESD measurement, the IC was mounted in a CDIP8 package.
Table 5.
Limiting values (Wafer)[1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
−55
+125
°C
Ptot
total power dissipation
-
125
mW
Tj
junction temperature
−40
+85
°C
Ii(max)
maximum input current
LA to LB; peak
[3] -
±60
mA
II
input current
LA to LB; RMS
-
30
mA
VESD
electrostatic discharge voltage
Human body model
[4] -
±2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com