Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1136NM Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LA1136NM
Description  AM Tuners for Car Radios and Home Stereos
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136NM Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LA1136NM Datasheet HTML 11Page - Sanyo Semicon Device LA1136NM Datasheet HTML 12Page - Sanyo Semicon Device LA1136NM Datasheet HTML 13Page - Sanyo Semicon Device LA1136NM Datasheet HTML 14Page - Sanyo Semicon Device LA1136NM Datasheet HTML 15Page - Sanyo Semicon Device LA1136NM Datasheet HTML 16Page - Sanyo Semicon Device LA1136NM Datasheet HTML 17Page - Sanyo Semicon Device LA1136NM Datasheet HTML 18Page - Sanyo Semicon Device LA1136NM Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
(5) Sample RF alignment coil selectivity characteristics (Mitsumi)
New coil designs should have the same selectivity characteristics as shown below.
5.
Problems Concerning Wideband AGC
Because the LA1136N and the LA1137N offer many sophisticated functions, a number of their pins are dual-purpose pins. An
example is pin 3 (on both the LA1136N and the LA1137N), which serves both as the wideband AGC input pin and the antenna
dumping pin diode drive pin. As a result, particular attention must be given to the wiring pattern layout, since feedthrough of other
signals as shown in the figure below can cause AGC to operate without input, resulting in reduced sensitivity.
RF characteristics at 600 kHz
RF characteristics at 1 MHz
RF characteristics at 1.4 MHz
Avoid direct
feedthrough from the
RF amplifier to the
pin 3 line.
LA1136N/1137N Antenna, RF circuit
Unit (resistance:
Ω, capacitance: F)
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-15/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com