Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF145 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLF145
Description  VHF POWER MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF145 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLF145 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25°C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
V(BR)DSS
VGS = 0 V
IDS = 10 mA
65
---
---
V
IDSS
VDS = 28 V
VGS = 0 V
---
---
2.0
mA
IGSS
VDS = 0 V
VGS = 20 V
---
---
1.0
µµµµA
VGS
VDS = 10 V
ID = 10 mA
2.0
---
4.5
V
VGS1-VGS2
VDS = 10 V
ID = 10 mA
100
mV
GFS
VDS = 10 V
ID = 1.5 A
1.2
---
---
S
Ciss
Coss
Crss
VGS = 28 V
VDS = 0 V
f = 1.0 MHz
125
75
11
pF
PG
ηηηη
D
VDD = 28
POUT = 30 W
f = 28 MHz
20
40
dB
%
VHF POWER MOSFET
N-Channel Enhancement Mode
BLF145
DESCRIPTION:
The
ASI BLF145 is Designed for
General Purpose Class AB Power
Amplifier Applications up to 175 MHz.
FEATURES:
• P
G = 20 dB Typ. at 30 W /28 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
ID
3.0 A
V(BR)DSS
65 V
VGSS
20 V
PDISS
68 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
2.6 °C/W
PACKAGE STYLE .380 4L FLG
MINIMUM
inches / mm
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.980 / 24.89
inches / mm
H
.160 / 4.06
.180 / 4.57
DIM
.220 / 5.59
.230 / 5.84
.105 / 2.67
.085 / 2.16
I
J
.240 / 6.10
.255 / 6.48
.785 / 19.94
F
B
G
.125
Ø.125 NOM.
FULL R
D
E
C
H
.112 x 45°
A
I
J
.004 / 0.10
.006 / 0.15
.280 / 7.11
.720 / 18.29
.730 / 18.54
S
G
S
D


Similar Part No. - BLF145

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF145 PHILIPS-BLF145 Datasheet
88Kb / 12P
HF power MOS transistor
September 1992
BLF145 NXP-BLF145 Datasheet
285Kb / 15P
HF power MOS transistor
Rev. 04-5 January 2007
BLF145 NXP-BLF145 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BLF145 NJSEMI-BLF145 Datasheet
81Kb / 1P
N-Channel Enhancement Mode
logo
Quanzhou Jinmei Electro...
BLF145 JMNIC-BLF145_15 Datasheet
78Kb / 12P
HF power MOS transistor
More results

Similar Description - BLF145

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLF246 ASI-BLF246 Datasheet
21Kb / 1P
VHF POWER MOSFET
REV. A
BLF248 ASI-BLF248 Datasheet
22Kb / 1P
VHF POWER MOSFET
REV. A
BLF278 ASI-BLF278 Datasheet
103Kb / 7P
VHF POWER MOSFET
REV. B
MRF134 ASI-MRF134 Datasheet
19Kb / 1P
VHF POWER MOSFET
MRF134-39 ASI-MRF134-39 Datasheet
49Kb / 1P
VHF POWER MOSFET
VFT5-28 ASI-VFT5-28_07 Datasheet
38Kb / 2P
VHF POWER MOSFET
VFT15-28 ASI-VFT15-28_07 Datasheet
45Kb / 3P
VHF POWER MOSFET
VFT45-28 ASI-VFT45-28_07 Datasheet
44Kb / 2P
VHF POWER MOSFET
VFT150-50 ASI-VFT150-50_07 Datasheet
63Kb / 3P
VHF POWER MOSFET
VFT300-28 ASI-VFT300-28_07 Datasheet
39Kb / 1P
VHF POWER MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com