Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1265 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA1265
Description  FM/AM Tuner of Electronic Tuning Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1265 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA1265 Datasheet HTML 1Page - Sanyo Semicon Device LA1265 Datasheet HTML 2Page - Sanyo Semicon Device LA1265 Datasheet HTML 3Page - Sanyo Semicon Device LA1265 Datasheet HTML 4Page - Sanyo Semicon Device LA1265 Datasheet HTML 5Page - Sanyo Semicon Device LA1265 Datasheet HTML 6Page - Sanyo Semicon Device LA1265 Datasheet HTML 7Page - Sanyo Semicon Device LA1265 Datasheet HTML 8Page - Sanyo Semicon Device LA1265 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LA1265
No.1820-3/15
How to use the LA1265
1. LED lighting, muting drive output, stop signal (SD).
• For LED lighting, muting drive output, stop signal, the output at
pin 8 is used.
• The voltage on pin 8, when tuned, turns from "H" to "L".
(Active-Low)
• Signal bandwidth at pin 8.
– For AM, the bandwidth depends on the CF (BFU450CN) at
pin 11. If a capacitor is connected in place of the CF, the
bandwidth will get wider.
– For FM, the bandwidth depends on the resistance across pins
9 and 20. If the resistance is increased, the bandwidth will get
narrower. R=15k
Ω makes the bandwidth approximately
120kHz.
• Sensitivity adjustment of LED, muting, stop signal.
– For FM, the semifixed variable resistor across pin 13 and GND is used.
– For AM, the semifixed variable resistor across pins 13 and 14 is used. Be sure to start adjustment for FM, and then
make adjustment for AM. For the stop signal sensitivity and FM stop signal bandwidth, the variations should be
considered and it is recommended to use the semifixed variable resistor for adjustment.
• LED lighting sensitivity setting for AM.
For the LED lighting sensitivity setting for AM, it is desirable that the IC input be 30dBµ (antenna input :
approximately 50dB/m). In this case, the value of VR1 is 30k
Ω.
Equivalent Circuit Block Diagram
Resistance across pins 9 and 20 – k
Ω
LED Lighting Bandwidth – Resistance across pins 9 and 20
S Carve
S meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com