Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBSL30 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # CBSL30
Description  NPN SILICON RF POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

CBSL30 Datasheet(HTML) 1 Page - Advanced Semiconductor

  CBSL30 Datasheet HTML 1Page - Advanced Semiconductor CBSL30 Datasheet HTML 2Page - Advanced Semiconductor CBSL30 Datasheet HTML 3Page - Advanced Semiconductor CBSL30 Datasheet HTML 4Page - Advanced Semiconductor CBSL30 Datasheet HTML 5Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/5
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 100 Ma
48
55
---
V
BVCER
IC = 40 mA
RBE = 150
Ω
30
40
---
V
BVCEO
IC = 40 mA
25
28
---
BVEBO
IE = 10 mA
3.5
5.0
---
V
ICBO
VCE = 24 V
10
---
---
mA
hFE
VCE = 20 V
IC = 2.0 A
15
40
100
---
COB
VCB = 25 V
f = 1.0 MHz
42
50
pF
PG
IMD3
ηηηη
C
VCE = 25 V
ICQ = 60 mA
f = 860 MHz
POUT = 30 W
f1 = 860.0 MHz
f2 = 860.1 MHz
7.5
9.0
-35
55
---
dB
dBc
%
NPN SILICON RF POWER TRANSISTOR
CBSL30
DESCRIPTION:
The
ASI CBSL30 is agold metalized
epitaxial silicon NPN transistor, using
diffused ballast resistors for high
linearity Calss-AB operation for cellular
base station application.
FEATURES:
• Internal Input Matching Network
• P
G = 7.5 dB at 30 W/960 MHz
• Omnigold™ Metalization System
• η
C = 55 % Typ.
• = Load mismatch capability 20:1
MAXIMUM RATINGS
IC
7.5 A
VCBO
48V
VCEO
25 V
VEBO
3.5 V
PDISS
88 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
2.0 °C/W
PACKAGE STYLE .230 6L FLG
ORDER CODE: ASI10582
MINIMUM
inches / mm
.115 / 2.92
.225 / 5.72
.075 / 1.91
.090 / 2.29
.720 / 18.29
B
C
D
E
F
G
A
MAXIMUM
.085 / 2.16
.110 / 2.79
.730 / 18.54
.235 / 5.97
inches / mm
.125 / 3.18
H
.355 / 9.02
DIM
K
L
I
J
.004 / 0.10
.120 / 3.05
.230 / 5.84
.006 / 0.15
.130 / 3.30
.260 / 6.60
K
4X .025 R
.040x45°
.115
I
.125
E
.430 D
H
G
F
J
C
A
B
2XØ.130
L
.160 / 4.06
.180 / 4.57
.980 / 24.89
.970 / 24.64
.355 / 9.02
.365 / 9.27
.365 / 9.27


Similar Part No. - CBSL30

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
CBSL30 ASI-CBSL30 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
CBSL30B ASI-CBSL30B Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
CBSL30B ASI-CBSL30B Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CBSL30B ASI-CBSL30B_07 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - CBSL30

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com