Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBSL30B Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # CBSL30B
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

CBSL30B Datasheet(HTML) 1 Page - Advanced Semiconductor

  CBSL30B_07 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 50 mA
48
50
---
V
BVCEO
IC = 20 mA
25
30
---
V
BVEBO
IE = 5 mA
3.5
4.0
---
V
ICBO
VCB = 24 V
1.0
mA
hFE
VCE = 5.0 V
IC = 100 mA
20
100
---
COB
VCB = 24 V
f = 1.0 MHz
25
pF
PG
VCC = 24 V
ICQ = 2 X 75 mA
f = 960 MHz
POUT = 30 W
7.5
dB
NPN SILICON RF POWER TRANSISTOR
CBSL30B
DESCRIPTION:
The
ASI CBSL30B is Designed for
Class AB, Cellular Base Station
Applications up to 960 MHz.
FEATURES:
• Internal Input Matching Network
• P
G = 7.5 dB at 30 W/960 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
5.0 A
VCBO
48 V
VCES
45 V
VEBO
4.0 V
PDISS
43 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
3.0 °C/W
PACKAGE STYLE .250 BAL FLG
ORDER CODE: ASI10583
MIN IMU M
inches / m m
.055 / 1 .40
.243 / 6 .17
.630 / 1 6.00
B
C
D
E
F
G
A
M AXIM U M
.670 / 1 7.01
.255 / 6 .48
inches / m m
.125 / 3 .18
H
DIM
K
L
I
J
.315 / 8 .00
.002 / 0 .05
.075 1.91
.327 / 8 .31
.006 / 0 .15
.095 / 2 .41
N
M
.245 / 6 .22
.257 / 6 .53
.060 / 1 .52
.092 / 2 .34
.055 / 1 .40
.065 / 1 .65
.190 / 4 .83
K
.020 x 45°
J
F
E
D
C
H
I
G
L
M
.050 x 45°
N
B
A
Ø .130 N O M .
.065 / 1 .65
.555 / 1 4.10
.739 / 1 8.77
.565 / 1 4.35
.750 / 1 9.05


Similar Part No. - CBSL30B_07

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
CBSL30B ASI-CBSL30B Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - CBSL30B_07

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com