Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBSL100 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # CBSL100
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

CBSL100 Datasheet(HTML) 1 Page - Advanced Semiconductor

  CBSL100 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 100 mA
60
V
BVCEO
IC = 100 mA
30
V
BVEBO
IE = 50 mA
3.0
V
ICES
VCE = 28 V
10
mA
hFE
VCE = 5.0 V
IC = 3.0 A
15
70
---
PG
IMD
ηηηη
C
VCE = 24 V
ICQ = 2 X 100 mA
f = 960 MHz
POUT = 100 W
9.0
45
-32
dB
dBc
%
NPN SILICON RF POWER TRANSISTOR
CBSL100
DESCRIPTION:
The
ASI CBSL100 is Designed for
Class AB, Cellular Base Station
Applications up to 960 MHz.
FEATURES:
• Internal Input/Output Matching Network
• P
G = 9.0 dB at 100 W/ 960 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
25 A
VCBO
60 V
VCEO
30 V
VEBO
3.0 V
PDISS
310 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
0.6 °C/W
PACKAGE STYLE .400 BAL FLG (C)
ORDER CODE: ASI10585
MIN IMUM
inches / m m
.380 / 9.65
.120 / 3.05
.780 / 19.81
B
C
D
E
F
G
A
MAXIMUM
.130 / 3.30
.820 / 20.83
.390 / 9.91
inches / m m
1.090 / 27.69
H
DIM
K
L
I
J
.003 / 0.08
.060 / 1.52
.007 / 0.18
.070 / 1.78
.205 / 5.21
N
M
.850 / 21.59
.870 / 22.10
.220 / 5.59
.230 / 5.84
.435 / 11.05
.082 / 2.08
.100 / 2.54
.407 / 10.34
.395 / 10.03
.080x45°
A
B
F
G
H
I
J
K
L
M
(4X).060 R
.1925
D
C
E
FULL R
N
1.335 / 33.91
1.345 / 34.16
.210 / 5.33


Similar Part No. - CBSL100

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - CBSL100

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com