Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLP-1W-URL Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-1W-URL
Description  HIGH POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-1W-URL Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-1W-URL Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-URL Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-URL Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HIGH
POWER
Ambient Temperature TA( )
Forward Current Vs
Forward Voltage
Forward Voltage(V)
Forward Current Derating Curve
L u m i n o u s
I n t e n s i t y
V s .
A m b i e n t
T e m p e r a t u r e
Ambient Temperature TA( )
C
C
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
0
4 0
8 0
1 2 0
1 6 0
1.6
2.8
2.2
3.4
4.0
4.6
200
0
300
400
500
600
6 . 0
F o r w a r d C u r r e n t
I F ( m A )
0
4.0
2.0
3.0
1.0
0
600
500
400
350
R e l a t i v e
L u m i n o u s
i n t e n s i t y
v s
F o r w a r d
c u r r e n t
50
100
150
200
250
0
-20
0
20
40
60
100
Peak@630nm /Red
Wave Length(nm)
Spectral
Reduance
5.0
80
2 0 0
Typical optical/Electrical Characteristics Curves (Tj=25℃ Unless Otherwise Noted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com