Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF151G Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF151G
Description  RF FIELD-EFFECT POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF151G Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF151G Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVDSS
ID = 100 mA
125
V
IDSS
VDS = 50 V
VGS = 0 V
5.0
mA
IGSS
VDS = 0 V
VGS = 20 V
1.0
µµµµA
VGS(th)
ID = 100 mA
VDS = 10 V
1.0
5.0
V
VDS(on)
ID = 10 A
VGS = 10 V
5
V
gfs
ID = 5.0 A
VDS = 10 V
5.0
mhos
Ciss
Coss
Crss
VDS = 50 V
VGS = 0 V
f = 1.0 MHz
350
250
15
pF
Gps
ηηηη
VDD = 50 V
IDQ = 500 mA
Pout = 300 W
f = 175 MHz
14
50
16
55
dB
%
ψ
ψ
ψ
ψ
VSWR = 5:1 AT ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
RF FIELD-EFFECT POWER TRANSISTOR
MRF151G
DESCRIPTION:
The
ASI MRF151G is a Dual
Common Source N-Channel
Enhancement-Mode MOSFET
RF Power Transistor, Designed for
175 MHz, 300 W Transmitter and
Amplifier Applications.
MAXIMUM RATINGS
ID
40 A
VDSS
125 V
VGS
±40 V
PDISS
500 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθθθ
JC
0.35
OC/W
PACKAGE STYLE .385X.850 4LFG
1 & 2 = DRAIN
3 & 4 = GATE
5 = SOURCE


Similar Part No. - MRF151G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G_15 Datasheet
405Kb / 9P
RF Power Field-Effect Transistor
More results

Similar Description - MRF151G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF377 MOTOROLA-MRF377 Datasheet
1Mb / 12P
RF POWER FIELD EFFECT TRANSISTOR
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com