Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1002MB Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF1002MB
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF1002MB Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF1002MB Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 5.0 mA
20
V
BVCBO
IC = 5.0 mA
50
V
BVCES
IC = 5.0 mA
50
V
BVEBO
IE = 1.0 mA
3.5
V
ICBO
VCB = 35 V
0.5
mA
hFE
VCE = 5.0 V
IC = 100 A
10
100
---
COB
VCB = 35 V
f = 1.0 MHz
2.5
5.0
pF
PG
η
C
VCC = 35 V
POUT = 2.0 W
f = 1090 MHz
10
40
12
35
dB
%
NPN SILICON RF POWER TRANSISTOR
MRF1002MB
DESCRIPTION:
The
ASI MRF1002MB is Designed for
Class C, DME/TACAN Applications up to
1150 MHz.
FEATURES:
• Class C Operation
• P
G = 9.0 dB at 2.0 W/1150 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
250 mA
VCEO
20 V
VCBO
50 V
PDISS
7.0 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θ
JC
25 °C/W
PACKAGE STYLE .280 4L PILL (A)
1 = COLLECTOR
2 = EMITTER
3 & 4 = BASE
MIN IMU M
in c hes / m m
.0 0 4 / 0 .1 0
1.000 / 25 .4 0
.0 5 0 / 1 .2 7
B
C
D
E
F
A
MA X IMU M
.0 6 5 / 1 .6 5
.1 4 5 / 3 .6 8
.0 0 7 / 0 .1 8
in c hes / m m
.2 05 / 5.21
DIM
.0 95 / 2.41
.1 0 5 / 2.67
F
E
A
.1 00 x4 5°
D
B
C
ØG
G
.2 7 5 / 6 .9 9
.2 8 5 / 7 .2 1
.1 95 / 4.95
34
1
2


Similar Part No. - MRF1002MB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1002MB MOTOROLA-MRF1002MB Datasheet
109Kb / 6P
MICROWAVE POWER TRANSISTORS
More results

Similar Description - MRF1002MB

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com