Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA2000 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA2000
Description  Audio Level Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2000 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA2000 Datasheet HTML 1Page - Sanyo Semicon Device LA2000 Datasheet HTML 2Page - Sanyo Semicon Device LA2000 Datasheet HTML 3Page - Sanyo Semicon Device LA2000 Datasheet HTML 4Page - Sanyo Semicon Device LA2000 Datasheet HTML 5Page - Sanyo Semicon Device LA2000 Datasheet HTML 6Page - Sanyo Semicon Device LA2000 Datasheet HTML 7Page - Sanyo Semicon Device LA2000 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Test Circuit
Test Conditions
Test items
Symbol
SW-1 SW-2 SW-3 SW-4
Conditions
Circuit current
ICC
1113
Measure current flowing into pin 9 at
VIN = –45 dB
Output transistor saturation voltage
VCE (sat)
2223
Measure VIN at pin 6
Output diode forward voltage
VF
2421
Measure VIN at pin 6
Output-off level in input equivalent
VIN
1113
Input level (V.V) when pin 6 turns over
Comparator-on level
VH
2313
Measure V3 When pin 6 turns over
Comparator-off level
VL
2313
Measure V3 When pin 6 turns over
Pin 8 high level
Vp-8
2413
Measure V2 at pin 8
Output transistor leakage current
ITL
2433
Measure M3
Output diode leakage current
IDL
2442
Measure M2
Equivalent Circuit Block Diagram
Unit (resistance:
Ω, capacitance: F)
LA2000
No.982-4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com