Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLP-5W-URL Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-5W-URL
Description  HIGH POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-5W-URL Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-5W-URL Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-URL Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-URL Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH
POWER
20(.787)
15(.59)
+
+
+
-
-
-
4
60°
7.3(0.287)±0.1(.004)
4.5(.177)
FYL
FYL
FYL
FYLP
P
P
P----5
5
5
5W
W
W
W----UR
UR
UR
URL
L
L
L
Features:
Radiation Pattern
Long operating life
Highest flux per Led family in the world.
Available in Red
Lambertian radiation pattern
More energy efficient than incandescent and
most halogen lamps
Low voltage DC operated
Cool beam,safe to the touch
Instant light (less than 100ns)
Fully dimmable
No UV
Superior ESD protection
Eutectic die bonding
ROHS compliant
Instant light
Package Dimensions
Applications
Reading lights (car,bus,aircraft)
LCD Backlights /light Guides
Fiber optic alternative/Decorative/Entertainment
Mini-accent/Up lighters/Down lighters/ Orientation
Indoor/Outdoor commerclal and Residentlal Architectural
Cove/Under shelf /Task
Bollards/Security/Garden
Portable(flashlight,bicycle)
Edge-lit signs (Exit, point of sale)
Automotive Exit (stop –tail-Turn ,CHMSL,Mirror Side Repeat)
Trafficsignaling /Beacons/railCrossing and Wayside
Relative Lumionous Intensity(LOP @max=1)


Similar Part No. - FYLP-5W-URL

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-5W-UBL FORYARD-FYLP-5W-UBL Datasheet
144Kb / 3P
HIGH POWER
FYLP-5W-UBL FORYARD-FYLP-5W-UBL Datasheet
432Kb / 8P
High Power Led lamp
FYLP-5W-UBL-A FORYARD-FYLP-5W-UBL-A Datasheet
404Kb / 7P
High Power Led lamp
FYLP-5W-UBS FORYARD-FYLP-5W-UBS Datasheet
409Kb / 8P
High Power Led lamp
FYLP-5W-UBS-A FORYARD-FYLP-5W-UBS-A Datasheet
391Kb / 7P
High Power Led lamp
More results

Similar Description - FYLP-5W-URL

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-UBB FORYARD-FYLP-1W-UBB Datasheet
122Kb / 3P
HIGH POWER
FYLP-3W-UPGL FORYARD-FYLP-3W-UPGL Datasheet
119Kb / 3P
HIGH POWER
FYLP-3W-UYS FORYARD-FYLP-3W-UYS Datasheet
127Kb / 3P
HIGH POWER
FYLP-3W-UWWS FORYARD-FYLP-3W-UWWS Datasheet
127Kb / 3P
HIGH POWER
logo
A-BRIGHT Inc
AL-00-1OR00CAC A-BRIGHT-AL-00-1OR00CAC Datasheet
289Kb / 6P
High Power
AL-00-1UY10CAE A-BRIGHT-AL-00-1UY10CAE Datasheet
290Kb / 6P
High Power
AL-00-2UY1CT A-BRIGHT-AL-00-2UY1CT Datasheet
294Kb / 6P
High Power
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
High Power Single High Power Single
logo
A-BRIGHT Inc
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80_15 Datasheet
289Kb / 6P
High Power
AL-00-2OR1CT A-BRIGHT-AL-00-2OR1CT_15 Datasheet
293Kb / 6P
High Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com