Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLDIM1E Datasheet(PDF) 9 Page - International Rectifier

Part # IRPLDIM1E
Description  Dimming Ballast Control IC Design Kit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM1E Datasheet(HTML) 9 Page - International Rectifier

Back Button IRPLDIM1E Datasheet HTML 5Page - International Rectifier IRPLDIM1E Datasheet HTML 6Page - International Rectifier IRPLDIM1E Datasheet HTML 7Page - International Rectifier IRPLDIM1E Datasheet HTML 8Page - International Rectifier IRPLDIM1E Datasheet HTML 9Page - International Rectifier IRPLDIM1E Datasheet HTML 10Page - International Rectifier IRPLDIM1E Datasheet HTML 11Page - International Rectifier IRPLDIM1E Datasheet HTML 12Page - International Rectifier IRPLDIM1E Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
www.irf.com
IRPLDIM1E Design
Line Input Voltage: 185 to 265VAC/50/60Hz
DC Bus Voltage: 400VDC
Lamp Power/Type: 36W/T8
1) Lamp Requirements
Typical high-frequency (25kHz) lamp require-
ments for the 36W/T8 lamp type are given as:
Table III, 36W/T8 lamp requirements
2) Iterate L and C to Fulfill Constraints
To select the ballast output stage inductor and
capacitor, a range of values were inserted into
equations (2) through (7), which have been sum-
marized in the following table:
Table IV, Ballast parameters for different C values.
When compared against the lamp requirements,
a capacitor value of 6.8nF gives a lamp voltage
during pre-heat that exceeds the maximum al-
lowable specified for this lamp type. This can
ignite the lamp before the cathodes have
reached their emission temperature, drastically
reducing lamp life. The pre-heat current can be
reduced to give a lower pre-heat voltage, but
the pre-heat time must then be increased for
proper heating. Also,
is too low, which
will cause the lamp to extinguish at low light lev-
els where the arc current alone is too low to heat
the cathodes. Increasing the capacitor value to
10nF fulfills the lamp requirements quite well,
even allowing some room in the pre-heat volt-
age for the pre-heat current to be increased and
the pre-heat time shortened. During dimming,
however, the lamp voltage increases with de-
creasing lamp power due to lamp negative in-
cremental impedance effects. A maximum is
reached around 10% brightness, after which the
lamp voltage decreases as the lamp is further
dimmed. The maximum filament current occurs
at the maximum lamp voltage, which for a ca-
pacitor value of 10nF, is too high and will over-
heat the filaments. A capacitor value of 8.2nF
was chosen which fulfills the lamp requirements
without over-heating the cathodes.
min
Cath
I
L
[mH]
2.0
2.0
2.0
C
[nF]
6.8
8.2
10
ph
V
[Vpp]
700
622
546
ph
f
[kHz]
57
53
49
ign
f
[kHz]
51
46
42
ign
I
[App]
1.4
1.6
1.8
max
p
f
[kHz]
42
42
41
min
P
Cath
I
[Arms]
0.32
0.35
0.38
Variable
Value
Units
ph
I
0.6
Arms
ph
t
1.0
s
max
ph
V
600
Vpp
ign
V
1500
Vpp
max
P
32
W
max
P
V
282
Vpp
min
P
1
W
min
P
V
330
Vpp
min
Cath
I
0.35
Arms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com