Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2460CDD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2460CDD
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460CDD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2460CDD Datasheet HTML 3Page - Linear Technology LTC2460CDD Datasheet HTML 4Page - Linear Technology LTC2460CDD Datasheet HTML 5Page - Linear Technology LTC2460CDD Datasheet HTML 6Page - Linear Technology LTC2460CDD Datasheet HTML 7Page - Linear Technology LTC2460CDD Datasheet HTML 8Page - Linear Technology LTC2460CDD Datasheet HTML 9Page - Linear Technology LTC2460CDD Datasheet HTML 10Page - Linear Technology LTC2460CDD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2460/LTC2462
7
24602f
APPLICATIONS INFORMATION
CONVERTER OPERATION
Converter Operation Cycle
The LTC2460/LTC2462 are low power, delta sigma, ana-
log to digital converters with a simple SPI interface (see
Figure 1). The LTC2462 has a fully differential input while
the LTC2460 is single-ended. Both are pin and software
compatible. Their operation is composed of three distinct
states: CONVERT, SLEEP/NAP, and DATA INPUT/OUTPUT.
The operation begins with the CONVERT state (see Fig-
ure 2). Once the conversion is finished, the converter auto-
matically powers down (NAP) or under user control, both
the converter and reference are powered down (SLEEP).
The conversion result is held in a static register while the
device is in this state. The cycle concludes with the DATA
INPUT/OUTPUT state. Once all 16-bits are read or an abort
is initiated the device begins a new conversion.
The CONVERT state duration is determined by the LTC2460/
LTC2462 conversion time (nominally 16.6 milliseconds).
Once started, this operation can not be aborted except by a
low power supply condition (VCC < 2.1V) which generates
an internal power-on reset signal.
After the completion of a conversion, the LTC2460/LTC2462
enters the SLEEP/NAP state and remains there until the
chip select is LOW (CS = LOW). Following this condition,
the ADC transitions into the DATA INPUT/OUTPUT state.
Figure 2. LTC2460/LTC2462 State Transition Diagram
While in the SLEEP/NAP state, when chip select input is
HIGH (CS = HIGH), the LTC2460/LTC2462’s converters
are powered down. This reduces the supply current by
approximately 50%. While in the Nap state the reference
remains powered up. In order to power down the reference
in addition to the converter, the user can select the SLEEP
DATA INPUT/OUTPUT
SLEEP/NAP
CONVERT
POWER-ON RESET
YES
24602 F02
16TH FALLING
EDGE OF SCK
OR
CS = HIGH?
CS = LOW?
NO
YES
NO
BLOCK DIAGRAM
Figure 1. Functional Block Diagram
A/D
CONVERTER
DECIMATING
SINC FILTER
SDO
REFOUT
COMP
REF–
IN+
(IN)
IN–
(GND)
SCK
CS
24602 BD
–
A/D
CONVERTER
INTERNAL
REFERENCE
( ) PARENTHESIS INDICATE LTC2460
SPI
INTERFACE
INTERNAL
OSCILLATOR
1
VCC
12
2
3
5
6
SDI
4
8
GND
7,11,13 (DD PACKAGE)
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com