Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2221AX Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2221AX
Description  HIGH SPEED SWITCHING BIPOLAR NPN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2221AX Datasheet(HTML) 2 Page - Seme LAB

  2N2221AX Datasheet HTML 1Page - Seme LAB 2N2221AX Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2221AX
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 4055
Issue 1
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cutoff Current
VCB=50V
IE=0V
10
nA
T
amb=150°C
10
µA
IEBO
Emitter Cutoff Current
VEB=3V
IC=0V
10
nA
V(BR)CBO
Collector-Base Breakdown Voltage
IC=10µA
IE=0A
60
V
V(BR)CEO*
Collector-Emitter Breakdown Voltage
IC=10mA
IB=0V
30
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=10µA
IC=0V
5
V
VCE(sat)*
Collector-Emitter Saturation Voltage
IC=150mA
IB=15mA
0.4
V
IC=500mA
IB=50mA
1.6
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC=150mA
IB=15mA
1.3
V
IC=500mA
IB=50mA
2.6
V
IC=0.1mA
VCE=10V
20
IC=1mA
VCE=10V
25
IC=10mA
VCE=10V
35
IC=150mA
VCE=10V
40
IC=500mA
VCE=10V
20
hFE*
DC Current Gain
IC=150mA
VCE=1V
20
200
fT
Transition Frequency (f=100MHz)
IC=20mA
VCE=20V
250
MHz
CCBO
Collector-Base Capacitance (f=100kHz)
IE=0A
VCB=10V
8
pF
RthJC
Thermal Resistance Junction-Case
83.3
RthJA
Thermal Resistance Junction-Ambient
300
°C/W
* Pulsed: Pulse duration = 300µs, duty cycle = 1%
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com