Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3735CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3735CSM4
Description  Medium Current NPN Silicon Annular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3735CSM4 Datasheet(HTML) 1 Page - Seme LAB

  2N3735CSM4 Datasheet HTML 1Page - Seme LAB 2N3735CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3735CSM4
Prelim. 6/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Medium Current NPN Silicon Annular
Transistors Designed for High-Speed
Switching and Driver Applications in a
Ceramic Surface Mount Package
FEATURES
• High Voltage
• Ceramic Surface Mount Package
• Screening Options Available
VCB
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
PD
Total Device Dissipation TA = 25 °C
Rqja
Thermal Resistance Junction to Ambient
TJ
Junction to Ambient
Tstg
Storage Temperature
75V
50V
5V
1A
0.5W
2.9mW/°C
200°C
–65 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
LCC3 PACKAGE
Underside View
PAD 1 – Collector
PAD 2 – N/C
PAD 3 – Emitter
PAD 4 – Base
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.


Similar Part No. - 2N3735CSM4

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3735 SEMICOA-2N3735 Datasheet
46Kb / 2P
Type 2N3735 Geometry TBD Polarity NPN
logo
Motorola, Inc
2N3735 MOTOROLA-2N3735 Datasheet
126Kb / 4P
UHF/VHF TRANSISTOR PMP SILICON
logo
Central Semiconductor C...
2N3735 CENTRAL-2N3735 Datasheet
22Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N3735 MICROSEMI-2N3735 Datasheet
184Kb / 5P
NPN SILICON SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3735 NJSEMI-2N3735 Datasheet
180Kb / 2P
GENERAL PURPOSE TRANSISTER
More results

Similar Description - 2N3735CSM4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD505 MOTOROLA-BD505 Datasheet
77Kb / 2P
NPN SILICON ANNULAR TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3137 NJSEMI-2N3137 Datasheet
133Kb / 1P
NPN SILICON ANNULAR TRANSISTORS
2N3925 NJSEMI-2N3925 Datasheet
209Kb / 2P
NPN SILICON ANNULAR
2N3959 NJSEMI-2N3959 Datasheet
205Kb / 2P
NPN SILICON ANNULAR TRANSISTORS
2N4400 NJSEMI-2N4400 Datasheet
216Kb / 2P
NPN SILICON ANNULAR TRANSISTORS
MPS6573 NJSEMI-MPS6573 Datasheet
78Kb / 2P
NPN SILICON ANNULAR TRANSISTORS
MPS6565 NJSEMI-MPS6565 Datasheet
79Kb / 2P
NPN SILICON ANNULAR TRANSISTORS
BF179 NJSEMI-BF179 Datasheet
75Kb / 2P
NPN SILICON ANNULAR TRANSISTORS
MPS3826 NJSEMI-MPS3826 Datasheet
71Kb / 2P
NPN SILICON ANNULAR TRANSISTORS
MPSU01 NJSEMI-MPSU01 Datasheet
80Kb / 1P
NPN SILICON ANNULAR TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com