Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4237 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4237
Description  SILICON PLANAR EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4237 Datasheet(HTML) 2 Page - Seme LAB

  2N4237 Datasheet HTML 1Page - Seme LAB 2N4237 Datasheet HTML 2Page - Seme LAB 2N4237 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR EPITAXIAL
NPN TRANSISTOR
2N4237
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8367
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 10mA
IB = 0
40
V
VCE = 50V
VBE = -1.5V
100
nA
VCE = 30V
VBE = -1.5V
ICEX
Collector Cut-Off Current
TA = 150°C
25
µA
ICBO
Collector Cut-Off Current
VCB = 50V
IE = 0
100
nA
IEBO
Emitter Cut-Off Current
VEB = 6V
IC = 0
0.5
mA
IC = 100mA
VCE = 1.0V
30
IC = 250mA
VCE = 1.0V
30
150
TA = -55°C
15
hFE
(1)
Forward-current transfer
ratio
IC = 500mA
VCE = 1.0V
30
IC = 500mA
IB = 50mA
0.3
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 1.0A
IB = 0.1A
0.6
IC = 500mA
IB = 50mA
1.0
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 1.0A
IB = 0.1A
1.5
V
DYNAMIC CHARACTERISTICS
IC = 100mA
VCE = 10V
| hfe |
Small signal forward-current
transfer ratio
f = 10MHz
3.0
VCB = 10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
100
pF
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com