Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5885 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5885
Description  NPN MULTI - EPITAXIAL POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5885 Datasheet(HTML) 2 Page - Seme LAB

  2N5885 Datasheet HTML 1Page - Seme LAB 2N5885 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5885
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 200mA
IC = 10A
VCE = 4V
VCE = 60V
VBE = –1.5V
TCASE =150°C
VEB = 5V
IC = 0
VCE = 30V
IB = 0
VCE = 60V
IE = 0
IC = 15A
IB = 1.5A
IC = 25A
IB = 6.25A
IC = 25A
IB = 6.25A
IC = 3A
VCE = 4V
IC = 10A
VCE = 4V
IC = 25A
VCE = 4V
IC = 3A VCE = 4V f = 1 KHz
IE = 0
VCB = 10V f = 1 MHz
IC = 1.0A VCB = 10V f = 1 MHz
VCC = 30V
IC = 10A
IB1 =- IB2 = 1.0A
Collector - Emitter Breakdown
Voltage
Base – Emitter Voltage
Collector Cut-off Current
Emitter Cut-off Current
Collector Cut-off Current
Collector Cut-off Current
Collector – Emitter Saturation
Voltage
Base – Emitter
Saturation Voltage
DC Current Gain
Small Signal Current Gain
Collector Base Capacitance
Transition Frequency
Rise Time
Storage Time
Fall Time
60
1.5
1.0
10
1.0
2
1.0
1.0
4
2.5
35
20
100
4
20
500
4
0.7
1.0
0.8
V
V
mA
mA
mA
mA
V
V
—
—
pF
MHz
µs
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance Junction to Case
Max
0.875
°C/W
VCEO(BR)*
VBE*
ICEV
IEBO
ICEO
ICBO
VCE(sat)*
VBE(sat)*
hFE*
hfe
Ccbo
fT
tr
ts
tf
Document Number 6366
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
* Pulse test tp = 300µs , δ = 1.5 %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com