Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDS29C Datasheet(PDF) 2 Page - Seme LAB

Part # BDS29C
Description  COMPLEMENTARY POWER DARLINGTON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS29C Datasheet(HTML) 2 Page - Seme LAB

  BDS29C Datasheet HTML 1Page - Seme LAB BDS29C Datasheet HTML 2Page - Seme LAB BDS29C Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMPLEMENTARY POWER
DARLINGTON
BDS28A/B/CM3A
BDS29A/B/CM3A
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9017
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
BDS 28A
BDS 29A
IC = 100mA
60
BDS 28B
BDS 29B
IB = 0
90
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
BDS 28C
BDS 29C
120
V
VCE= VCEO Max.
RBE = 1.0KΩ
1.0
ICER
Collector-Emitter Leakage
Current
TC = 150°C
5
IEBO
Emitter Cut-Off Current
IC = 0
VBE = 5V
5
ICEO
Collector-Emitter Leakage
Current
IB = 0
VCE =50V
1.0
mA
IC = 20A
IB = 0.2A
3
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 30A
IB = 0.3A
4
IC = 20A
IB = 0.2A
3.5
VBE(sat)
(1)
Emitter-Base Saturation
Voltage
IC = 30A
IB = 0.3A
5
V
IC = 20A
VCE = 5V
1000
hFE
(1)
Forward-current transfer
ratio
IC = 30A
VCE = 5V
200
-
DYNAMIC CHARACTERISTICS
IC = 1A
VCE = 3V
hfe
(1)
Small-Signal Current Gain
f = 1.0MHz
4
MHz
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com