Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFT29 Datasheet(PDF) 1 Page - Seme LAB

Part # BFT29
Description  SILICON EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFT29 Datasheet(HTML) 1 Page - Seme LAB

  BFT29 Datasheet HTML 1Page - Seme LAB BFT29 Datasheet HTML 2Page - Seme LAB BFT29 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EPITAXIAL
NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Se
Se
Se
Semelab Limited
melab Limited
melab Limited
melab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8963
Issue 1
Page 1 of 3
BFT29 / BFT30 / BFT31
• Hermetic TO-18 Metal Package
• Designed For General Purpose Amplifiers, and Audio Driver
Applications
• Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
BFT29
BFT30
BFT31
VCBO
Collector – Base Voltage
90V
70
60
VCEO
Collector – Emitter Voltage
80V
60
50
VEBO
Emitter – Base Voltage
5V
IC
Continuous Collector Current
1.0A
PD
Total Power Dissipation at
TA = 25°C
360mW
Derate Above 25°C
2mW/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Max
Units
RθJA
Thermal Resistance, Junction To Ambient
486
°C/W


Similar Part No. - BFT29

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFT29 ETC1-BFT29 Datasheet
146Kb / 1P
Medium Power Amplifiers and Switches
logo
TT Electronics.
BFT29 TTELEC-BFT29 Datasheet
222Kb / 3P
SILICON EPITAXIAL NPN TRANSISTOR
logo
Seme LAB
BFT29X SEME-LAB-BFT29X Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
More results

Similar Description - BFT29

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com