Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX85 Datasheet(PDF) 1 Page - Seme LAB

Part # BFX85
Description  NPN SILICON EPITAXIAL SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX85 Datasheet(HTML) 1 Page - Seme LAB

  BFX85 Datasheet HTML 1Page - Seme LAB BFX85 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BFX85
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
IC
Collector Current Continuous
Ptot
Total Power Dissipation Tamb < 25°C
Tcase < 25°C
Tcase < 25°C <100°C
Tstg
Storage Temperature
Tj
Operating Junction Temperature
100V
60V
1A
800 mW
5W
2.86W
–65 to 150°C
175°C
MECHANICAL DATA
Dimensions in mm (inches)
NPN SILICON EPITAXIAL
SWITCHING TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• General Purpose Switching and Amplification
• Industrial Applications
• Hermetic Metal Package
• Hi-Rel Screening Options Available
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO-205AD)
PIN 1 – Emitter
Underside View
PIN 2 – Base
PAD 3 – Collector
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5808
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VCEO = 60V
IC = 1A


Similar Part No. - BFX85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
NPN switching transistor
1997 Apr 22
logo
Central Semiconductor C...
BFX85 CENTRAL-BFX85 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Continental Device Indi...
BFX85 CDIL-BFX85 Datasheet
139Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX85 NJSEMI-BFX85 Datasheet
89Kb / 2P
NPN switching transistor
More results

Similar Description - BFX85

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4175 NEC-2SC4175 Datasheet
294Kb / 4P
HIGH SPEED SWITCHING NPN SILICON EPITAXIAL TRANSISTOR
2SC4176 NEC-2SC4176 Datasheet
270Kb / 4P
HIGH SPEED SWITCHING NPN SILICON EPITAXIAL TRANSISTOR
logo
Sanyo Semicon Device
FC108 SANYO-FC108 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
logo
Seme LAB
BUY24 SEME-LAB-BUY24 Datasheet
22Kb / 2P
SILICON PLANAR EPITAXIAL NPN POWER SWITCHING TRANSISTOR
logo
NEC
2SC3622A NEC-2SC3622A Datasheet
300Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4336 NEC-2SC4336 Datasheet
128Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4554 NEC-2SC4554 Datasheet
111Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR SWITCHING
logo
SEMTECH ELECTRONICS LTD...
MMBTSC1621 SEMTECH_ELEC-MMBTSC1621 Datasheet
125Kb / 2P
NPN Silicon Epitaxial Planar Switching Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com