Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUR52 Datasheet(PDF) 2 Page - Seme LAB

Part # BUR52
Description  HIGH CURRENT NPN SILICON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUR52 Datasheet(HTML) 2 Page - Seme LAB

  BUR52 Datasheet HTML 1Page - Seme LAB BUR52 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUR52
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 200mA
IB = 0
IC = 0
IE = 10mA
VCE = 250V
IB = 0
VCE = 350V
IE = 0
TC = 125°C
IC = 0
VEB = 7V
IC = 25A
IB = 2A
IC = 40A
IB = 4A
IC = 25A
IB = 2A
IC = 40A
IB = 4A
IC = 5A
VCE = 4V
IC = 40A
VCE = 4V
VCE = 20V
t = 1s
IC = 1.0A
VCE = 5V
f = 1MHz
IC = 40A
IB = 4A
VCC = 100V
IC = 40A
IB1 =4A
IB2 -4A
VCC = 100V
IC = 40A
IB1 =4A
IB2 -4A
VCC = 100V
Collector - Emitter Breakdown
Voltage
Emitter – Base Breakdown
Voltage
Collector Emitter Cut-off
Current
Collector -Base Cut-off Current
Emitter–Base Cut-off Current
Collector – Emitter
Saturation Voltage
Base – Emitter
Saturation Voltage
DC Current Gain
Second Breakdown
Collector Current
Transition Frequency
Turn–On Time
Fall Time
Storage Time
250
10
1.0
0.2
2
0.2
1.0
0.7
1.5
1.8
1.5
2
20
100
15
17.5
10
16
0.3
1.0
0.2
0.6
1.2
2
V
V
mA
mA
mA
V
V
—
A
MHz
μs
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
V(BR)CEO*
V(BR)EBO
ICEO
ICBO
IEBO
VCE(sat)*
VBE(sat)*
hFE
IS/b
ft
ton
tf
ts
*Pulsed tp =300
μs @< 1%
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5764
Issue 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com