Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA40
Description  40 A standard TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA40 Datasheet HTML 1Page - STMicroelectronics BTA40 Datasheet HTML 2Page - STMicroelectronics BTA40 Datasheet HTML 3Page - STMicroelectronics BTA40 Datasheet HTML 4Page - STMicroelectronics BTA40 Datasheet HTML 5Page - STMicroelectronics BTA40 Datasheet HTML 6Page - STMicroelectronics BTA40 Datasheet HTML 7Page - STMicroelectronics BTA40 Datasheet HTML 8Page - STMicroelectronics BTA40 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2009
Doc ID 7469 Rev 8
1/9
9
BTA40, BTA41, BTB41
40 A standard TRIACs
Features
High current TRIAC
Low thermal resistance with clip bonding
High commutation capability
BTA series UL1557 certified (File ref: 81734)
Packages are RoHS (2002/95/EC) compliant
Applications
On/off function in static relays, heating
regulation, induction motor starting circuits
Phase control operations in light dimmers,
motor speed controllers, and similar
Description
Available in high power packages, the
BTA/BTB40-41 series is suitable for general
purpose AC switching.
The BTA series provides an insulated tab (rated at
2500 V rms).
TOP3 insulated
(BTA41)
TOP3
(BTB41)
RD91 insulated
(BTA40)
A2
A1
G
G
A2
A1
G
A2
A2
A1
G
A2
A1
Table 1.
Device summary
Symbol
Parameter
BTA40(1)
1.
Insulated package
BTA41(1)
BTB41
Unit
IT(RMS)
On-state rms current
40
41
41
A
VDRM/VRRM
Repetitive peak off-state voltage
600 and 800
600 and 800
600 and 800
V
IGT
Triggering gate current
50
50
50
mA
www.st.com


Similar Part No. - BTA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
logo
Unisonic Technologies
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
40A STANDARD TRIAC
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
489Kb / 12P
800 V and 600 V, 40 A standard Triacs in TOP3 and RD91 package
26-Jul-2023
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-600B STMICROELECTRONICS-BTA40-600B Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
More results

Similar Description - BTA40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
40-A Silicon Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
Standard 0.8 A Triacs
12-Apr-2007
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
40-A Silicon Triacs
logo
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
Standard 0.8 A Triacs
19-Jun-2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
Standard 1 A Triacs
02-May-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com