Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T66 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41T66
Description  Serial access real-time clock with alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41T66 Datasheet HTML 22Page - STMicroelectronics M41T66 Datasheet HTML 23Page - STMicroelectronics M41T66 Datasheet HTML 24Page - STMicroelectronics M41T66 Datasheet HTML 25Page - STMicroelectronics M41T66 Datasheet HTML 26Page - STMicroelectronics M41T66 Datasheet HTML 27Page - STMicroelectronics M41T66 Datasheet HTML 28Page - STMicroelectronics M41T66 Datasheet HTML 29Page - STMicroelectronics M41T66 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
DC and AC parameters
M41T66
26/33
Table 12.
Oscillator characteristics
Figure 16.
Bus timing requirements sequence
Table 11.
Crystal electrical characteristics
Sym
Parameter(1)(2)
1.
Externally supplied if using the QFN16 package. STMicroelectronics recommends the Citizen CFS-145
(1.5 x 5 mm) and the KDS DT-38 (3 x 8 mm) for thru-hole, or the KDS DMX-26S
(3.2 x 8 mm) for surface-mount, tuning fork-type quartz crystals. KDS can be contacted at
http://www.kds.info/index_en.htm. Citizen can be contacted at http://www.citizencrystal.com.
2.
Load capacitors are integrated within the M41T66. Circuit board layout considerations for the 32.768 kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance (TA = –40 to 70°C)
75(3)(4)
3.
Guaranteed by design.
4.
RS (max) = 65 kΩ for TA = –40 to 85°C and oscillator startup at 1.7 V.
k
Ω
CL
Load capacitance
6
pF
7-12.5(5)
5.
External capactors must be added to achieve better clock accuracy.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VSTA
Oscillator start voltage
at 25°C
1.6
V
tSTA
Oscillator start time
VCC = 1.6 V
at 25°C
500
ms
VCC = 3.0 V
1
s
Cg
XIN
12
pF
Cd
XOUT
12
pF
IC-to-IC frequency variation (1)
1.
Reference value. TA = 25°C, VCC = 3.0 V, CMJ-145 (CL = 6 pF, 32,768 Hz) manufactured by Citizen.
–10
+10
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com