Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3940 Datasheet(PDF) 2 Page - Seme LAB

Part # LM3940
Description  1 AMP LOW DROPOUT REGULATOR FOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM3940 Datasheet(HTML) 2 Page - Seme LAB

  LM3940 Datasheet HTML 1Page - Seme LAB LM3940 Datasheet HTML 2Page - Seme LAB LM3940 Datasheet HTML 3Page - Seme LAB LM3940 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its rated operating conditions.
2) Dropout voltage is defined as the input-output differential voltage where the regulator output drops to a value that is 100 mV below
the value that is measured at VIN = 5V.
3) Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal
shutdown.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5282
Issue 1
LM3940
Parameter
Test Conditions
Min
Typ
Max
Units
VOUT Output Voltage
5mA
≤ I
L ≤ 1A
3.13
3.3
3.47
V
∆V
OUT
Line Regulation
∆V
IN
IL = 5mA
20
40
mV
∆V
OUT
Load Regulation 1
∆I
OUT
50mA
≤ I
L ≤ 1A
35
80
ZO
Output impedance
IL(DC) = 100mA, IL(AC) = 20mA(rms), f = 120Hz
35
m
Ω
I
Q
Quiescent Current
4.5V VIN 5.5V, IL = 5mA
10
20
mA
VIN 5V, IL = 5mA
110
250
en Output Noise Voltage
BW = 10Hz-100kHz, IL = 5mA
150
µV (rms)
VO-VIN
Dropout Voltage2
IL = 1A
0.5
1.0
V
IL = 100A
110
200
mV
IL (SC)
RL = 0
1.2
1.7
A
Parameter
Package Style
R
θθ
JC
R
θθ
JA
Thermal Resistance (Junction to Ambient)
And
Thermal Resistance (Junction to Case)3
TO-204AA (TO-3)
4.0 oC/W
50 oC/W
TO-213AA (TO-66)
4.5 oC/W
55 oC/W
SMD05 (TO-276AA)
4.75 oC/W
65 oC/W
SMD1 (TO-276AB)
4.75 oC/W
65 oC/W
TO-257AA
5.0 oC/W
65 oC/W
TO-258AA
4.5 oC/W
55 oC/W
LCC4
20 oC/W
150 oC/W
LCC20
25 oC/W
165 oC/W
LCC28
22 oC/W
160 oC/W
Electrical Characteristics
Thermal Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com