Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z128 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48Z128
Description  5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48Z128_10 Datasheet HTML 12Page - STMicroelectronics M48Z128_10 Datasheet HTML 13Page - STMicroelectronics M48Z128_10 Datasheet HTML 14Page - STMicroelectronics M48Z128_10 Datasheet HTML 15Page - STMicroelectronics M48Z128_10 Datasheet HTML 16Page - STMicroelectronics M48Z128_10 Datasheet HTML 17Page - STMicroelectronics M48Z128_10 Datasheet HTML 18Page - STMicroelectronics M48Z128_10 Datasheet HTML 19Page - STMicroelectronics M48Z128_10 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
M48Z128, M48Z128Y, M48Z128V
Revision history
Doc ID 2426 Rev 5
19/20
8
Revision history
Table 13.
Revision history
Date
Revision
Changes
May-1999
1
First issue
13-Apr-2000
2
Document layout changed; surface-mount chip set solution added
20-Jun-2000
2.1
tGLQX changed (Table 3)
19-Jul-2000
2.2
M48Z128V added
14-Sep-2001
3
Reformatted; added temperature information (Table 7, 8, 3, 4, 9, 10)
07-Nov-2001
3.1
Remove chipset option from ordering Information (Table 12)
20-May-2002
3.2
Modify reflow time and temperature footnotes (Table 5)
18-Nov-2002
3.3
Modifying SMT solution text (Figure 2, 4;Table 2)
17-Sep-2003
3.4
Remove references to M68ZXXX (obsolete) parts (Figure 4; Table 2);
update disclaimer
22-Feb-2005
4
Reformatted; IR reflow, SO package updates (Table 5)
20-Jul-2010
5
Reformatted document; updated Features, Section 3: Maximum ratings,
Table 11, 12; added ECOPACK® text to Section 5; added Section 7:
Environmental information; removed SOH28, SNAPHAT® housing and
all references from datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com