Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z128 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48Z128
Description  5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48Z128 Datasheet HTML 6Page - STMicroelectronics M48Z128 Datasheet HTML 7Page - STMicroelectronics M48Z128 Datasheet HTML 8Page - STMicroelectronics M48Z128 Datasheet HTML 9Page - STMicroelectronics M48Z128 Datasheet HTML 10Page - STMicroelectronics M48Z128 Datasheet HTML 11Page - STMicroelectronics M48Z128 Datasheet HTML 12Page - STMicroelectronics M48Z128 Datasheet HTML 13Page - STMicroelectronics M48Z128 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Operating modes
M48Z128, M48Z128Y, M48Z128V
10/20
Doc ID 2426 Rev 5
Table 4.
WRITE mode AC characteristics
2.3
Data retention mode
With valid VCC applied, the M48Z128/Y/V operates as a conventional BYTEWIDE
™ static
RAM. Should the supply voltage decay, the RAM will automatically power-fail deselect, write
protecting itself tWP after VCC falls below VPFD. All outputs become high impedance, and all
inputs are treated as “Don't care.”
If power fail detection occurs during a valid access, the memory cycle continues to
completion. If the memory cycle fails to terminate within the time tWP, write protection takes
place. When VCC drops below VSO, the control circuit switches power to the internal energy
source which preserves data.
The internal coin cell will maintain data in the M48Z128/Y/V after the initial application of
VCC for an accumulated period of at least 10 years when VCC is less than VSO. As system
power returns and VCC rises above VSO, the battery is disconnected, and the power supply
is switched to external VCC. Write protection continues for tER after VCC reaches VPFD to
allow for processor stabilization. After tER, normal RAM operation can resume.
For more information on battery storage life refer to the application note AN1012.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V, 4.5 to 5.5 V or 3.0 to 3.6 V (except where
noted).
M48Z128/Y
M48Z128/Y/V
M48Z128/Y/V
Unit
–70
–85
–120
Min
Max
Min
Max
Min
Max
tAVAV
WRITE cycle time
70
85
120
ns
tAVWL
Address valid to WRITE enable Low
0
0
0
ns
tAVEL
Address valid to chip enable low
0
0
0
ns
tWLWH
WRITE enable pulse width
55
65
85
ns
tELEH
Chip enable low to chip enable high
55
75
100
ns
tWHAX
WRITE enable high to address transition
5
5
5
ns
tEHAX
Chip enable high to address transition
15
15
15
ns
tDVWH
Input valid to WRITE enable high
30
35
45
ns
tDVEH
Input valid to chip enable high
30
35
45
ns
tWHDX
WRITE enable high to input transition
0
0
0
ns
tEHDX
Chip enable high to input transition
10
10
10
ns
tWLQZ
(2)(3)
2.
CL = 5 pF.
3.
If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
WRITE enable low to output Hi-Z
25
30
40
ns
tAVWH
Address valid to WRITE enable high
65
75
100
ns
tAVEH
Address valid to chip enable high
65
75
100
ns
tWHQX
(2)(3)
WRITE enable high to output transition
5
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com