Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2221ADCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2221ADCSM
Description  Dual Bipolar NPN Devices in a hermetically sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2221ADCSM Datasheet(HTML) 1 Page - Seme LAB

  2N2221ADCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2221ADCSM
Dual Bipolar NPN Devices.
V
CEO =
40V
I
C = 0.8A
All Semelab hermetically sealed products can
be processed in accordance with the
requirements of BS, CECC and JAN, JANTX,
JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
0.8
A
h
FE
@ 10/0.15 (V
CE / IC)
40
120
-
f
t
250M
Hz
P
D
0.6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Dual Bipolar NPN Devices in
a hermetically sealed
LCC2 Ceramic Surface Mount
Package for High Reliability
Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
LCC2 (MO-041BB)
Pinouts
Pin 1 – Collector 1
Pin 4 – Collector 2
Pin 2 – Base 1
Pin 5 – Emitter 2
Pin 3 – Base 2
Pin 6 – Emitter 1


Similar Part No. - 2N2221ADCSM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2221A SIEMENS-2N2221A Datasheet
116Kb / 4P
NPN SILICON PLANAR TRANSISTORS
logo
Fairchild Semiconductor
2N2221A FAIRCHILD-2N2221A Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A Datasheet
295Kb / 9P
SMALL SIGNAL BIPOLAR NPN SILICON
2N2221A MICROSEMI-2N2221A Datasheet
58Kb / 2P
NPN SILICON SWITCHING TRANSISTOR
120101
More results

Similar Description - 2N2221ADCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2639DCSM SEME-LAB-2N2639DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
2N2640DCSM SEME-LAB-2N2640DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
2N2641DCSM SEME-LAB-2N2641DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
2N2857DCSM SEME-LAB-2N2857DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
2N2914DCSM SEME-LAB-2N2914DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
2N2917DCSM SEME-LAB-2N2917DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
2N2918DCSM SEME-LAB-2N2918DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
2N5551DCSM SEME-LAB-2N5551DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
BF258DCSM SEME-LAB-BF258DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
BSX33DCSM SEME-LAB-BSX33DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com