Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME270-461 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FME270-461
Description  Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FME270-461 Datasheet HTML 1Page - Interpoint Corporation Company FME270-461 Datasheet HTML 2Page - Interpoint Corporation Company FME270-461 Datasheet HTML 3Page - Interpoint Corporation Company FME270-461 Datasheet HTML 4Page - Interpoint Corporation Company FME270-461 Datasheet HTML 5Page - Interpoint Corporation Company FME270-461 Datasheet HTML 6Page - Interpoint Corporation Company FME270-461 Datasheet HTML 7Page - Interpoint Corporation Company FME270-461 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics: 25°C TC , nominal Vin, unless otherwise specified.
Note
1. guaranteed by design, not tested.
MODEL
FME270-461
paRaMeteR
cOndItIOns
MIN
TYP
MAX
unIts
Input vOltage
cOntInuOus
0
270
400
VDC
tRansIent 100 ms 1
-500
—
500
V
nOIse ReJectIOn
500 khz
40
50
—
dB
1 Mhz
45
55
—
dc ResIstance (Rdc)
at MaXIMuM cuRRent 1
tc = 25°c
—
—
2.0
Ω
tc = 125°c
—
—
3.2
capacItance 1
anY pIn tO case
—
60,000
pF
Output vOltage
steadY state
VOUT = VIN - IIN(RDC)
VDC
Output cuRRent
steadY state
—
—
1.5
A
pOWeR dIssIpatIOn
at MaXIMuM cuRRent 1
tc = 25°c
—
—
4.5
W
tc = 125°c 1
—
—
7.2
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 5 of 11
FMe270-461 eMi input Filters
270 Volt input – 1.5 aMp
FME270RevB-20100226



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com