Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSH1205D Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HSH1205D
Description  Operating temperature -40째C to 150째C Fully isolated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HSH1205D Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D Datasheet HTML 4Page - Interpoint Corporation Company HSH1205D Datasheet HTML 5Page - Interpoint Corporation Company HSH1205D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Squared corner and dot on
top of cover indicate pin one.
1
4
7
5
2
3
6
Figure 1: pin Out
Bottom View
HSH
12 05 D / ES
Base Model
Input Voltage
Output Voltage
Screening Level
Number of Outputs
(S = single, D = dual)
mODel numberIng key
mODel seleCtIOn
On the lines belOw, enter One seleCtiOn FrOm eaCh CategOry tO Determine the mODel number.
CaTeGoRy
HsH12
05
D
/
______
Base model and
InPuT VolTaGe
ouTPuT VolTaGe
numBeR oF
ouTPuTs 1
sCReenInG 2
seleCTIon
“HsH12” Is THe
only aVaIlaBle
seleCTIon
“05” Is THe only
aVaIlaBle seleCTIon
“d” Is THe only
aVaIlaBle seleC-
TIon
(sTandaRd leave blank)
es
notes:
1. d is a dual output
2. leave blank for standard screening. use “es” for HsH “es” screening. For more screening information screening Table 1.
pIns nOt In use
Inhibit
leave unconnected
pIn Out
pin
Dual Output
1
Positive Input
2
Input Common
3
Positive output
4
output Common
5
Case Ground
6
negative output
7
Inhibit
www.craneae.com/interpoint
Page 3 of 6
Crane Aerospace & Electronics Power Solutions
HsH1205D Dual Output DC/DC Converter
12 VOlt Input – 1.5 Watt
HsH Rev C - 20100805



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com