Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFL2812S Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MFL2812S
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2812S Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MFL2812S Datasheet HTML 2Page - Interpoint Corporation Company MFL2812S Datasheet HTML 3Page - Interpoint Corporation Company MFL2812S Datasheet HTML 4Page - Interpoint Corporation Company MFL2812S Datasheet HTML 5Page - Interpoint Corporation Company MFL2812S Datasheet HTML 6Page - Interpoint Corporation Company MFL2812S Datasheet HTML 7Page - Interpoint Corporation Company MFL2812S Datasheet HTML 8Page - Interpoint Corporation Company MFL2812S Datasheet HTML 9Page - Interpoint Corporation Company MFL2812S Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Characteristics: –55°C to +125° C TC, 28 VDC VIN, 100% load, free run, unless otherwise specified.
Notes
1. Guaranteed by design, not tested.
2. Unit will shut down above approximately 45V but will be undamaged and will restart
when voltage drops into normal range.
3. Recovery time is measured from application of the transient to the point at which
Vout is within 1% of final value.
4. Transition time 100 µs ±20%.
5. Tested on release from inhibit.
6. Shall not compromise DC performance.
SINGLE OUTPUT MODELS
MFL283R3S
MFL2805S
MFL2812S
units
Parameter
cOnDitiOns
min
tyP
maX
min
tyP
maX
min
tyP
maX
OutPut VOltage
3.21
3.30
3.39
4.87
5.00
5.13
11.76 12.00 12.24
VDc
OutPut current
Vin = 16 tO 40 VDc
0
—
12.12
0
—
10
0
—
5
a
OutPut POWer
Vin = 16 tO 40 VDc
0
—
40
0
—
50
0
—
60
W
OutPut riPPle
tc = 25°c
—
10
35
—
15
35
—
30
75
mV p-p
10 khz - 2 mhz
tc = -55°c tO +125°c
—
10
50
—
30
50
—
45
100
line regulatiOn
Vin = 16 tO 40 VDc
—
0
20
—
0
20
—
0
20
mV
lOaD regulatiOn
nO lOaD tO Full
—
—
40
—
—
20
—
—
20
mV
inPut VOltage
cOntinuOus
16
28
40
16
28
40
16
28
40
VDc
nO lOaD tO Full
TRANSIENT 120 msec.1, 2
—
—
50
—
—
50
—
—
50
V
inPut current
nO lOaD
—
70
100
—
70
120
—
50
100
inhibiteD–inh1
—
9
14
—
9
14
—
9
14
mA
inhibiteD–inh2
—
35
70
—
35
70
—
35
70
inPut riPPle
current
10 khz - 10 mhz
—
15
50
—
15
50
—
15
50
mA p-p
eFFiciency
tc = 25°c
73
—
—
77
80
—
83
86
—
%
tc = -55°c tO +125°c
71
—
—
75
_
81
lOaD Fault
POWer DissiPatiOn
shOrt circuit
—
12.5
16
—
12.5
18
—
10
16
W
recOVery 1
—
1.5
6
—
1.5
4
—
1.5
4
ms
steP lOaD
resPOnse
50% - 100% - 50%
transient
—
200
400
—
250
350
—
450
600
mV pk
recOVery 1, 3
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
steP line
resPOnse 1
16 - 40 -16 VDc
transient 4
—
250
300
—
250
300
—
250
400
mV pk
recOVery 3
—
200
600
—
200
300
—
200
300
µs
start-uP 6
Delay
—
3.5
6
—
3.5
6
—
3.5
6
ms
OVershOOt 1
—
0
25
—
0
25
—
0
25
mV pk
caPacitiVe lOaD 1, 6
tc = 25°c
—
—
1000
—
—
1000
—
—
1000
µF
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 6 of 13
MFL Rev E - 20101026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com