Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFW2812D Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MFW2812D
Description  ??5째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2812D Datasheet(HTML) 7 Page - Interpoint Corporation Company

  MFW2812D Datasheet HTML 1Page - Interpoint Corporation Company MFW2812D Datasheet HTML 2Page - Interpoint Corporation Company MFW2812D Datasheet HTML 3Page - Interpoint Corporation Company MFW2812D Datasheet HTML 4Page - Interpoint Corporation Company MFW2812D Datasheet HTML 5Page - Interpoint Corporation Company MFW2812D Datasheet HTML 6Page - Interpoint Corporation Company MFW2812D Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
STANDARD AND /ES (NON-QML) PRODUCTS
ENVIRONMENTAL SCREENING 1
test perFOrmed
standard
nOn-Qml2
/es
nOn-Qml2
Pre-cap Inspection
Method 2017, 2032
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. B, -55°C to +125°C, ambient
no
yes
Constant Acceleration
Method 2001, 500 g
no
yes
Burn-in
Method 1015 3
96 hours
no
yes
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
yes
yes
Hermeticity Test
Fine Leak, Method 1014, Cond. A
Gross Leak, Method 1014, Cond. C
Gross Leak, Dip (1 x 10-3)
no
no
yes
yes
yes
no
Final visual inspection
Method 2009
yes
yes
testmethodsarereferencedtomIL-StD-883asdeterminedbymIL-PRF-38534.
Notes:
1. refers to products that do not offer QmL screening.
2.Standardand/eS,non-QmLproducts,donotmeetalloftherequirementsofmIL-PRF-38534.
3.Burn-indesignedtobringthecasetemperaturetothemaximumcasetemperatureoftheproduct.Refertothespecificproductinformation
for the maximum case temperature.
testmethodsarereferencedtomIL-StD-883asdeterminedbymIL-PRF-38534.
Notes:
1. refers to products that do not offer QmL screening.
2.Standardand/eS,non-QmLproducts,donotmeetalloftherequirementsofmIL-PRF-38534.
3. Burn-in designed to bring the case temperature to the maximum case temperature of 85°C.
mFwSeRIeS
70 WATT
DC/DC COnVERtERs
Page 7 of 7
mFwSeriesDC/DCConverters,mFwRevF20100212.thisrevisionsupersedesallpreviousreleases.Alltechnicalinformationisbelievedtobe
accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without
notice. mFW Series is a trademark of Interpoint. Copyright © 1999 - 2010 Interpoint Corporation. All rights reserved. www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com