Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHF2812D Datasheet(PDF) 21 Page - Interpoint Corporation Company

Part # MHF2812D
Description  Only 0.33 inches (8.38 mm) high in a hermetically sealed case
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2812D Datasheet(HTML) 21 Page - Interpoint Corporation Company

Back Button MHF2812D Datasheet HTML 15Page - Interpoint Corporation Company MHF2812D Datasheet HTML 16Page - Interpoint Corporation Company MHF2812D Datasheet HTML 17Page - Interpoint Corporation Company MHF2812D Datasheet HTML 18Page - Interpoint Corporation Company MHF2812D Datasheet HTML 19Page - Interpoint Corporation Company MHF2812D Datasheet HTML 20Page - Interpoint Corporation Company MHF2812D Datasheet HTML 21Page - Interpoint Corporation Company MHF2812D Datasheet HTML 22Page - Interpoint Corporation Company MHF2812D Datasheet HTML 23Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Flanged cases: Designator "F" required in Case Option position of model number
BOTTOM VIEW CASE G2
1
2
3
4
5
9
8
6
7
Squared corner and dot on top
of case indicate pin one.
Flange thickness: 0.047 (1.19)
(2.005 max (50.93))
0.560
(14.22)
0.030 dia.
(0.76)
Projection Weld
0.960
(24.38)
0.000
0.160
(4.06)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal.
Seal Hole: 0.080 ±0.002 (2.03 ±0.05)
Case G2, Rev D, 20091105
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2009 Interpoint Corp. All rights reserved.
2 x Dia 0.128 (3.25)
2 x R 0.130 (3.30)
1.130 max. (28.70)
Figure 36: CaSe g2 — triple MODelS
www.interpoint.com
Page 21 of 23
Crane aerospace & electronics Power solutions
MHF+ Single, dual and triple dC/dC Converter Cases
28 VOlT inPuT – 15 WATT
MHF+ rev l - 20091113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com