Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHF2815D Datasheet(PDF) 22 Page - Interpoint Corporation Company

Part # MHF2815D
Description  Only 0.33 inches (8.38 mm) high in a hermetically sealed case
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2815D Datasheet(HTML) 22 Page - Interpoint Corporation Company

Back Button MHF2815D Datasheet HTML 15Page - Interpoint Corporation Company MHF2815D Datasheet HTML 16Page - Interpoint Corporation Company MHF2815D Datasheet HTML 17Page - Interpoint Corporation Company MHF2815D Datasheet HTML 18Page - Interpoint Corporation Company MHF2815D Datasheet HTML 19Page - Interpoint Corporation Company MHF2815D Datasheet HTML 20Page - Interpoint Corporation Company MHF2815D Datasheet HTML 21Page - Interpoint Corporation Company MHF2815D Datasheet HTML 22Page - Interpoint Corporation Company MHF2815D Datasheet HTML 23Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML)
PRODUCT ELEMENT EVALUATION
COMPONENT-LEVEL TEST
PERFORMED
STANDARD AND /ES
NON-QML 1
/883
CLASS H QML
M/S 2
P 3
M/S 2
P 3
element electrical (probe)
yes
no
yes
yes
element visual
no
no
yes
yes
internal visual
no
n/a
yes
n/a
Final electrical
no
no
yes
yes
Wire bond evaluation 4
no
no
yes
yes
slam™/C-sam:
input capacitors only
(add’l test, not req. by h)
no
no
no
yes
notes:
1. Standard and /eS, non-QMl products, do no meet all of the requirements of
Mil-PrF-38534.
2. M/S = active components (Microcircuit and Semiconductor die)
3. P = Passive components
4. not applicable to eMi filters that have no wire bonds.
definitions:
element evaluation: Component testing/screening per Mil-Std-883 as determined by Mil-PrF-38534
SlaM™: Scanning laser acoustic Microscopy
C-SaM: C - Mode Scanning acoustic Microscopy
Screening Table 1: elemenT evaluaTion
www.interpoint.com
Page 22 of 23
Crane aerospace & electronics Power solutions
MHF+ Single, dual and triple dC/dC Converters
28 VOlT inPuT – 15 WATT
MHF+ rev l - 20091113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com