Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2805S Datasheet(PDF) 18 Page - Interpoint Corporation Company

Part # MHV2805S
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2805S Datasheet(HTML) 18 Page - Interpoint Corporation Company

Back Button MHV2805S Datasheet HTML 11Page - Interpoint Corporation Company MHV2805S Datasheet HTML 12Page - Interpoint Corporation Company MHV2805S Datasheet HTML 13Page - Interpoint Corporation Company MHV2805S Datasheet HTML 14Page - Interpoint Corporation Company MHV2805S Datasheet HTML 15Page - Interpoint Corporation Company MHV2805S Datasheet HTML 16Page - Interpoint Corporation Company MHV2805S Datasheet HTML 17Page - Interpoint Corporation Company MHV2805S Datasheet HTML 18Page - Interpoint Corporation Company MHV2805S Datasheet HTML 19Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML)
PRODUCT ELEMENT EVALUATION
COmpOnent-level test
perFOrmed
standard and /es
nOn-Qml 1
/883
Class h Qml
M/S 2
P 3
M/S 2
P 3
Element Electrical (probe)
yes
no
yes
yes
Element Visual
no
no
yes
yes
Internal Visual
no
N/A
yes
N/A
Final Electrical
no
no
yes
yes
Wire Bond Evaluation 4
no
no
yes
yes
SLAM™/C-SAM:
Input capacitors only
(Add’l test, not req. by H)
no
no
no
yes
Notes:
1. Standard and /ES, non-QML products, do no meet all of the requirements of
MIL-PRF-38534.
2. M/S = Active components (Microcircuit and Semiconductor Die)
3. P = Passive components
4. Not applicable to EMI filters that have no wire bonds.
Definitions:
Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534
SLAM™: Scanning Laser Acoustic Microscopy
C-SAM: C - Mode Scanning Acoustic Microscopy
sCreening table 1: element evaluation
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 18 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com