Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2812D Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MHV2812D
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2812D Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MHV2812D Datasheet HTML 1Page - Interpoint Corporation Company MHV2812D Datasheet HTML 2Page - Interpoint Corporation Company MHV2812D Datasheet HTML 3Page - Interpoint Corporation Company MHV2812D Datasheet HTML 4Page - Interpoint Corporation Company MHV2812D Datasheet HTML 5Page - Interpoint Corporation Company MHV2812D Datasheet HTML 6Page - Interpoint Corporation Company MHV2812D Datasheet HTML 7Page - Interpoint Corporation Company MHV2812D Datasheet HTML 8Page - Interpoint Corporation Company MHV2812D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Dot on top of cover
indicates pin one.
BOTTOM VIEW
MHV TRIPLE
FLANGED AND NON-FLANGED
Dotted line outlines flanged package option.
10
9
8
7
6
1
2
3
4
5
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
6
10
7
8
9
1
2
3
4
5
BOTTOM VIEW
MHV SINGLE AND DUAL
FLANGED AND NON-FLANGED
Figure 5: pin out singles anD Duals
See cases H2 and K3 for dimensions.
Figure 6: pin out triple
See cases F1 and J1 for dimensions.
pin out
pin
single output
dual output
triple output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
Main (+5) Output
3
Trim
Positive Output
Output Common
4
Output Common Output Common
Negative Aux. Output
5
Positive Output
Negative Output
Positive Aux. Output
6, 7 Case Ground
Case Ground
Case Ground
8
Case Ground
Case Ground
Inhibit
9
Sync In
Sync In
Sync In
10 Input Common
Input Common
Input Common
pins not in use
case
User’s discretion
inhibit
Leave unconnected
sync in
Leave unconnected
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 5 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com