Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR283R3S Datasheet(PDF) 19 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 19 Page - Interpoint Corporation Company

Back Button MOR283R3S Datasheet HTML 15Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 16Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 17Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 18Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 19Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 20Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 21Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 22Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 23Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
3.45 (87.6) Reference
(lead center to lead center)
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
0.128 dia
(3.25)
0.040 dia
(1.02)
TOP VIEW CASE V*
Flanged case, down leaded
*Designator "V" required in Case Option position of model number.
1
2
3
4
5
6
12
11
10
9
8
7
Maximum dimensions: 3.005 x 1.505 (76.33 x 38.23 mm)
Angled corner
indicates pin one.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, compresssion glas seal
Seal Hole: 0.120 ±0.002 (3.05 ±0.05)
Case V, Rev E, 20100106
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2009 Interpoint Corp. All rights reserved.
Seam Seal
Figure 56: CaSe V
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converter cases
28 Volt input – 120 Watt
www.interpoint.com
Page 19 of 24
MOR Rev K - 20100422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com