Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1726 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1726
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1726 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1726_03 Datasheet HTML 1Page - STMicroelectronics SD1726_03 Datasheet HTML 2Page - STMicroelectronics SD1726_03 Datasheet HTML 3Page - STMicroelectronics SD1726_03 Datasheet HTML 4Page - STMicroelectronics SD1726_03 Datasheet HTML 5Page - STMicroelectronics SD1726_03 Datasheet HTML 6Page - STMicroelectronics SD1726_03 Datasheet HTML 7Page - STMicroelectronics SD1726_03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
January, 10 2003
SD1726 (THA15)
RF & MICROWAVE TRANSISTORS
HF SSB APPLICATIONS
FEATURES
• OPTIMIZED FOR SSB
• 30 MHz
• 50 V
• IMD-30 dB
• COMMON EMITTER
• GOLD METALLIZATION
• POUT = 150 W PEP MIN. WITH 14 dB GAIN
DESCRIPTION
The SD1726 is a 50 V epitaxial silicon NPN
planar transistor
designed
primarily
for
SSB
communications.
This
device
utilizes
emitter ballasting to achieve extreme ruggedness
under severe operating conditions.
PIN CONNECTION
1
3
4
2
1. Drain
2. Source
3. Gate
4. Source
M174
epoxy sealed
ORDER CODE
SD1726
BRANDING
THA15
ABSOLUTE MAXIMUM RATINGS (TCASE = 25
°C)
Symbol
Parameter
Value
Unit
VCBO
Collecto-Base Voltage
110
V
VCEO
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Drain Current
20
A
PDISS
Power Dissipation
318
W
Tj
Max. Operating Junction Temperature
+200
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA
Rth(j-c)
Junction -Case Thermal Resistance at TCASE = 70
°C
0.75
°C/W


Similar Part No. - SD1726_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726 Datasheet
82Kb / 7P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
logo
List of Unclassifed Man...
SD1726 ETC1-SD1726 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD1726_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1487 NJSEMI-SD1487 Datasheet
77Kb / 2P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com