Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH562 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TH562
Description  RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH562 Datasheet(HTML) 1 Page - STMicroelectronics

  TH562 Datasheet HTML 1Page - STMicroelectronics TH562 Datasheet HTML 2Page - STMicroelectronics TH562 Datasheet HTML 3Page - STMicroelectronics TH562 Datasheet HTML 4Page - STMicroelectronics TH562 Datasheet HTML 5Page - STMicroelectronics TH562 Datasheet HTML 6Page - STMicroelectronics TH562 Datasheet HTML 7Page - STMicroelectronics TH562 Datasheet HTML 8Page - STMicroelectronics TH562 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
June 2004
SD1731 (TH562)
RF POWER BIPOLAR TRANSISTORS
HF SSB APPLICATIONS
REV. 2
FEATURES SUMMARY
■ OPTIMIZED FOR SSB
■ 30 MHz
■ 50 VOLTS
■ EFFICIENCY 40%
■ COMMON EMITTER
■ GOLD METALLIZATION
■ POUT = 220 W PEP WITH 13 dB GAIN
DESCRIPTION
The SD1731 is a 50 V epitaxial silicon NPN planar
transistor designed primarily for SSB communica-
tions. This device utilizes emitter ballasting for im-
proved ruggedness and reliability.
Figure 1. Package
Figure 2. Pin Connection
Table 1. Order Codes
.500 4L FL (M174)
epoxy sealed
1. Collector
3. Base
2. Emitter
4. Emitter
Order Codes
Marking
Package
Packaging
SD1731 (TH562)
SD1731
M174
PLASTIC TRAYS
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TH562

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TH562 STMICROELECTRONICS-TH562 Datasheet
81Kb / 7P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
10-Jul-1995
More results

Similar Description - TH562

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Diodes Incorporated
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1727 STMICROELECTRONICS-SD1727_04 Datasheet
407Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
08-Jun-2004
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com