Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S12GR Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST1S12GR
Description  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12GR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST1S12GR Datasheet HTML 12Page - STMicroelectronics ST1S12GR Datasheet HTML 13Page - STMicroelectronics ST1S12GR Datasheet HTML 14Page - STMicroelectronics ST1S12GR Datasheet HTML 15Page - STMicroelectronics ST1S12GR Datasheet HTML 16Page - STMicroelectronics ST1S12GR Datasheet HTML 17Page - STMicroelectronics ST1S12GR Datasheet HTML 18Page - STMicroelectronics ST1S12GR Datasheet HTML 19Page - STMicroelectronics ST1S12GR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
ST1S12XX, ST1S12XX12, ST1S12XX18
16/20
Doc ID 14314 Rev 3
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.1
43.3
A1
0
0.1
3.9
A2
0.7
1.0
27.6
39.4
b
0.3
0.5
11.8
19.7
C0.08
0.2
3.1
7.9
D2.9
114.2
E2.8
110.2
E1
1.6
63.0
e0.95
37.4
e1
1.9
74.8
L0.3
0.6
11.8
23.6
TSOT23-5L mechanical data
7282780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com