Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S12G12R Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S12G12R
Description  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12G12R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S12G12R Datasheet HTML 9Page - STMicroelectronics ST1S12G12R Datasheet HTML 10Page - STMicroelectronics ST1S12G12R Datasheet HTML 11Page - STMicroelectronics ST1S12G12R Datasheet HTML 12Page - STMicroelectronics ST1S12G12R Datasheet HTML 13Page - STMicroelectronics ST1S12G12R Datasheet HTML 14Page - STMicroelectronics ST1S12G12R Datasheet HTML 15Page - STMicroelectronics ST1S12G12R Datasheet HTML 16Page - STMicroelectronics ST1S12G12R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ST1S12XX, ST1S12XX12, ST1S12XX18
Typical performance characteristics
Doc ID 14314 Rev 3
13/20
Figure 16.
Reference load regulation vs.
temperature
Figure 17.
NMOS switch on resistance vs.
temperature
Figure 18.
PMOS switch on resistance vs.
temperature
Figure 19.
Switching current limitation vs.
temperature
Figure 20.
Switching current limitation vs.
input voltage
Figure 21.
Output voltage vs. input voltage
0
0.001
0.002
0.003
0.004
0.005
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=3.6V, IOUT from 10mA to 0.7A, VOUT=1.8V
0
0.001
0.002
0.003
0.004
0.005
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=3.6V, IOUT from 10mA to 0.7A, VOUT=1.8V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3.6V, CIN=COUT=10µF, VOUT=1.2V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3.6V, CIN=COUT=10µF, VOUT=1.2V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3.6V, CIN=COUT=10µF, VOUT=1.2V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3.6V, CIN=COUT=10µF, VOUT=1.2V
0.5
0.8
1.1
1.4
1.7
2
2.3
2.6
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3.6V, CIN=COUT=10µF, VOUT=1.8V
0.5
0.8
1.1
1.4
1.7
2
2.3
2.6
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3.6V, CIN=COUT=10µF, VOUT=1.8V
0
0.5
1
1.5
2
2.5
3
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN [V]
V
IN=VEN from 2.5 to 5.5V, CIN=COUT=10µF, VOUT=1.8V
0
0.5
1
1.5
2
2.5
3
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN [V]
V
IN=VEN from 2.5 to 5.5V, CIN=COUT=10µF, VOUT=1.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
012
3456
V
IN [V]
125°C
25°C
0°C
-25°C
-40°C
V
IN=VEN from 0 to 5.5V, IOUT=700mA,
C
IN=COUT=10µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
012
3456
V
IN [V]
125°C
25°C
0°C
-25°C
-40°C
V
IN=VEN from 0 to 5.5V, IOUT=700mA,
C
IN=COUT=10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com