Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2S06A33 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2S06A33
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06A33 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2S06A33_09 Datasheet HTML 6Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 7Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 8Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 9Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 10Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 11Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 12Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 13Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical performance characteristics
ST2S06A33, ST2S06B
10/18
Doc ID 13866 Rev 4
Figure 15.
Delay time vs. temperature
(ST2S06A)
Figure 16.
Reset in threshold vs. temperature
(ST2S06A)
Figure 17.
Load transient response (ST2S06A) Figure 18.
Start-up transient (ST2S06A)
VI= 5V, IO1 from 100mA to 500mA
VI= from 0V to 5V, IO1=500mA, Output Voltage=3.3V
V
I Rising from 0V to 5V
50
55
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
T [C°]
V
I Rising from 0V to 5V
50
55
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
T [C°]
Rising
Falling
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
-50
-25
0
25
50
75
100
125
T [C°]
Rising
Falling
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
-50
-25
0
25
50
75
100
125
T [C°]
I
O1
V
O1
V
I
V
O1
Figure 19.
Start-up transient (ST2S06B)
Figure 20.
Inhibit transient (ST2S06B)
VI= from 0V to 5V, IO1 =1A, Output Voltage=1.2V
VINH= from 0V to 2V, VI=5V, IO1=IO2=1A
V
I
V
O1
I
O1
V
INH
V
O1
V
O2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com