Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB80NF55-08T4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB80NF55-08T4
Description  N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-08T4 Datasheet(HTML) 5 Page - STMicroelectronics

  STB80NF55-08T4 Datasheet HTML 1Page - STMicroelectronics STB80NF55-08T4 Datasheet HTML 2Page - STMicroelectronics STB80NF55-08T4 Datasheet HTML 3Page - STMicroelectronics STB80NF55-08T4 Datasheet HTML 4Page - STMicroelectronics STB80NF55-08T4 Datasheet HTML 5Page - STMicroelectronics STB80NF55-08T4 Datasheet HTML 6Page - STMicroelectronics STB80NF55-08T4 Datasheet HTML 7Page - STMicroelectronics STB80NF55-08T4 Datasheet HTML 8Page - STMicroelectronics STB80NF55-08T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STB80NF55-08T4, STP80NF55-08, STW80NF55-08
Electrical characteristics
Doc ID 14511 Rev 2
5/15
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
80
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
320
A
VSD
Forward on voltage
ISD = 80 A, VGS = 0
1.5
V
trr
(2)
Qrr
IRRM
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80 A,VDD = 25 V
di/dt=100 A/µs,
Tj =150 °C
(see Figure 18)
80
230
5.7
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com