Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB80PF55 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB80PF55
Description  P-channel 55 V, 0.016 Ω, 80 A TO-220, D2PAK STripFET™ II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80PF55 Datasheet(HTML) 4 Page - STMicroelectronics

  STB80PF55_10 Datasheet HTML 1Page - STMicroelectronics STB80PF55_10 Datasheet HTML 2Page - STMicroelectronics STB80PF55_10 Datasheet HTML 3Page - STMicroelectronics STB80PF55_10 Datasheet HTML 4Page - STMicroelectronics STB80PF55_10 Datasheet HTML 5Page - STMicroelectronics STB80PF55_10 Datasheet HTML 6Page - STMicroelectronics STB80PF55_10 Datasheet HTML 7Page - STMicroelectronics STB80PF55_10 Datasheet HTML 8Page - STMicroelectronics STB80PF55_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STB80PF55, STP80PF55
4/16
Doc ID 8177 Rev 6
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 mA, VGS = 0
55
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC=125 °C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±16 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 40 A
0.016 0.018
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
gfs
Forward transconductance
VDS > ID(on) x RDS(on)max,
ID= 40 A
-32
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1MHz,
VGS = 0
-
5500
1130
600
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
ID = 25 A, VDD = 80 V,
VGS = 10 V
(see Figure 15)
-
190
27
65
258
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=25 V, ID=40 A,
RG=4.7 Ω, VGS=10 V
(see Figure 14)
-
35
190
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD=25 V, ID=40 A,
RG=4.7 Ω, VGS=10 V
(see Figure 14)
-
165
80
-
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
Vclamp=40 V, ID=80 A,
RG=4.7 Ω, VGS=10 V
(see Figure 14)
-
60
40
85
-
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com