Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD6NF10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD6NF10
Description  N-channel 100 V, 0.22 廓, 6 A, DPAK, IPAK low gate charge STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6NF10 Datasheet(HTML) 3 Page - STMicroelectronics

  STD6NF10_08 Datasheet HTML 1Page - STMicroelectronics STD6NF10_08 Datasheet HTML 2Page - STMicroelectronics STD6NF10_08 Datasheet HTML 3Page - STMicroelectronics STD6NF10_08 Datasheet HTML 4Page - STMicroelectronics STD6NF10_08 Datasheet HTML 5Page - STMicroelectronics STD6NF10_08 Datasheet HTML 6Page - STMicroelectronics STD6NF10_08 Datasheet HTML 7Page - STMicroelectronics STD6NF10_08 Datasheet HTML 8Page - STMicroelectronics STD6NF10_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD6NF10, STU6NF10
Electrical ratings
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
100
V
VGS
Gate- source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
6
A
ID
Drain current (continuous) at TC = 100 °C
4
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
24
A
Ptot
Total dissipation at TC = 25 °C
30
W
Derating factor
0.2
W/°C
dv/dt (2)
2.
ISD ≤ 6 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Peak diode recovery voltage slope
40
V/ns
EAS
(3)
3.
Starting Tj = 25 °C, ID = 3 A, VDD = 50 V
Single pulse avalanche energy
200
mJ
Tstg
Storage temperature
-65 to 175
°C
Tj
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
100
°C/W
TJ
Maximum lead temperature for soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com