Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD12NF06T4T4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD12NF06T4T4
Description  N-channel 60 V, 0.08廓, 12 A, DPAK, IPAK STripFET??II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06T4T4 Datasheet(HTML) 3 Page - STMicroelectronics

  STD12NF06T4T4 Datasheet HTML 1Page - STMicroelectronics STD12NF06T4T4 Datasheet HTML 2Page - STMicroelectronics STD12NF06T4T4 Datasheet HTML 3Page - STMicroelectronics STD12NF06T4T4 Datasheet HTML 4Page - STMicroelectronics STD12NF06T4T4 Datasheet HTML 5Page - STMicroelectronics STD12NF06T4T4 Datasheet HTML 6Page - STMicroelectronics STD12NF06T4T4 Datasheet HTML 7Page - STMicroelectronics STD12NF06T4T4 Datasheet HTML 8Page - STMicroelectronics STD12NF06T4T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD12NF06, STD12NF06T4
Electrical ratings
Doc ID 8431 Rev 7
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
60
V
VDGR
Drain-gate voltage (RGS = 20KΩ)60
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
12
A
ID
Drain current (continuous) at TC=100°C
8.5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
48
A
PTOT
Total dissipation at TC = 25°C
30
W
Derating factor
0.2
W/°C
dv/dt (2)
2.
ISD ≤12 A, di/dt ≤200 A/µs, VDS ≤V(BR)DSS, TJ ≤TJMAX
Peak diode recovery voltage slope
15
V/ns
EAS
(3)
3.
Starting TJ = 25
oC, I
D = 6 A, VDD = 30 V
Single pulse avalanche energy
140
mJ
Tstg
Storage temperature
-55 to 175
°C
TJ
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
5
°C/W
RthJA
Thermal resistance junction-ambient Max
100
°C/W
Tl
Maximum lead temperature for soldering
purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com